Part Number Hot Search : 
TC4075BP F1508 DG412CUE M223ARS S1224MCK IRF140 P4KE68 LTC340
Product Description
Full Text Search
 

To Download L2SA812XLT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
General Purpose Transistors
FEATURE
High Voltage: VCEO = -50 V. Epitaxial planar type. NPN complement: L2SC1623 Pb-Free Package is available.
1 2 3
L2SA812*LT1
www..com
DEVICE MARKING AND ORDERING INFORMATION
Device L2SA812QLT1 L2SA812QLT1G L2SA812RLT1 L2SA812RLT1G L2SA812SLT1 L2SA812SLT1G Marking M8 M8 (Pb-Free) M6 M6 (Pb-Free) M7 M7 (Pb-Free) Shipping 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel
1 BASE
SOT-23
3 COLLECTOR
2 EMITTER
MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector current-continuoun Symbol VCEO VCBO VEBO IC L2SA812 -50 -60 -6 -150 Unit V V V mAdc
THERMAL CHARATEERISTICS
Characteristic Total Device Dissipation FR-5 Board, (1) TA=25 C Derate above 25 C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate, (2) TA=25 C Derate above 25 C Thermal Resistance, Junction to Ambient Junction and Storage Temperature R
JA
o o
Symbol PD
Max
Unit
o
200
o
mW mW/oC
o
1.8 R
JA
556
C/W
PD 200 2.4 417 -55 to +150 Tj ,Tstg
o
mW mW/oC C/W
o
C
L2SA812-1/5
LESHAN RADIO COMPANY, LTD.
L2SA812*LT1
ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted)
Characteristic Symbol
V(BR)CEO V(BR)EBO V(BR)CBO
Min
-50 -6 -60
Typ
-
Max
-
Unit
V V V
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC=-1mA) Emitter-Base Breakdown Voltage www..com (IE=-50 ) Collector-Base Breakdown Voltage (IC=-50 A) Collector Cutoff Current
(VCB=-50V)
Emitter Cutoff Current (VBE=-6V)
ICBO IEBO
-
-
-0.1 -0.1
A
A
ON CHARACTERISTICS
DC Current Gain (IC=-1mA,VCE=-6.0V) Collector-Emitter Saturation Voltage (IC=-100mA,IB=-10mA) Base -Emitter On Voltage IE=-1.0mA,VCE=-6.0V) hFE 120 560
VCE(sat) VBE
-0.58
-0.18 -0.62
-0.3 -0.68
V V
SMALL-SIGNAL CHARACTERISTICS
Current-Gain-Bandwidth Product (VCE=-6.0V,IE =-10mA) Output Capacitance(VCE = -10V, IE=0, f=1.0MHz)
hFE Values are classified as followes
Ft Cobo
-
180 4.5
-
MHz pF
NOTE:
* hFE
Q 120~270
R 180~390
S 270~560
L2SA812-2/5
LESHAN RADIO COMPANY, LTD.
L2SA812*LT1
Fig.1 Grounded emitter propagation characteristics
-50
Fig.2 Grounded emitter output characteristics( )
-10
-35.0 T A = 25C -31.5 -28.0 -24.5
-20
I C, COLLECTOR CURRENT (mA)
I C, COLLECTOR CURRENT (mA)
T A = 100C 25C - 40C
VCE= -10 V
-8
-10 -50
-6
-21.0 -17.5
www..com
-2 -1
-4
-14.0 -10.5
-0.5
-2
-7.0 -3.5A
-0.2 -0.1 -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 0 0 -0.4 -0.8 -1.2 -1.6
I B =0
-2.0
V BE , BASE TO EMITTER VOLTAGE(V)
V CE , COLLECTOR TO EMITTER VOLTAGE (V)
Fig.3 Grounded emitter output characteristics( )
-100
Fig.4 DC current gain vs. collector current ( )
500
T A = 25C
I C, COLLECTOR CURRENT (mA)
-80
T A = 25C
h FE, DC CURRENT GAIN
-60
500 450 400 350 300
VCE= -5 V -3V -1V
200
-250 -200
-40
-150 -100
100
-20
-50 A I B =0
0 -1 -2 -3 -4 -5
50
0
-0.2
-0.5
-1
-2
-5
-10
-20
-50
-100
V CE , COLLECTOR TO EMITTER VOLTAGE (V)
I C, COLLECTOR CURRENT (mA)
Fig.5 DC current gain vs. collector current ( )
V CE(sat), COLLECTOR SATURATION VOLTAGE(V)
Fig.6 Collector-emitter saturation voltage vs. collector current ( )
500
-1
T A = 100C 25C
T A = 25C
-0.5
h FE, DC CURRENT GAIN
-40C
200
-0.2
I C /I B = 50
-0.1
100
20 10
50
-0.05
VCE= - 6V
-0.2 -0.5 -1 -2 -5 -10 -20 -50 -100
-0.2
-0.5
-1
-2
-5
-10
-20
-50
-100
I C, COLLECTOR CURRENT (mA)
I C, COLLECTOR CURRENT (mA)
L2SA812-3/5
LESHAN RADIO COMPANY, LTD.
L2SA812*LT1
Fig.7 Collector-emitter saturation voltage vs. collector current ( )
V CE(sat), COLLECTOR SATURATION VOLTAGE(V)
-1
Fig.8 Gain bandwidth product vs. emitter current
1000
I C /I B = 10
f r , TRANSITION FREQUENCY(MHz)
500
T A = 25C V CE = -12V
www..com -0.5
-0.2
200
-0.1
T A = 100C 25C -40C
100
-0.05
50
-0.2
-0.5
-1
-2
-5
-10
-20
-50
-100
-0.2
-0.5
-1
-2
-5
-10
-20
-50
-100
I C, COLLECTOR CURRENT (mA)
I E, EMITTER CURRENT (mA)
Fig.9 Collector output capacitance vs.collector-base voltage Emitter inputcapacitance vs. emitter-base voltage
C ob , COLLECTOR OUTPUT CAPACITANCE( pF) C ib , EMITTER INPUT CAPACITANCE (pF)
20
C ib
10
T A = 25C f =1MHz I E = 0A I C = 0A C ob
5
2
-0.5
-1
-2
-5
-10
-20
V CB, COLLECTOR TO BASE VOLTAGE (V) V EB, EMITTER TO BASE VOLTAGE (V)
L2SA812-4/5
LESHAN RADIO COMPANY, LTD.
L2SA812*LT1
SOT-23
NOTES:
www..com A L
3 1 2
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
BS
DIM A B C D G H J K L S V
V
G
C D H K J
INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0140 0.0285 0.0350 0.0401 0.0830 0.1039 0.0177 0.0236
MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60
PIN 1. BASE 2. EMITTER 3. COLLECTOR
0.037 0.95
0.037 0.95
0.079 2.0 0.035 0.9 0.031 0.8
inches mm
L2SA812-5/5


▲Up To Search▲   

 
Price & Availability of L2SA812XLT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X